PART |
Description |
Maker |
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
ZX5T953GTC ZX5T953GTA ZX5T953G |
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 From old datasheet system
|
ZETEX[Zetex Semiconductors]
|
FDD3672 FDD3672NL |
N-Channel UltraFET Trench MOSFET 100V/ 44A/ 28m N-Channel UltraFET Trench MOSFET 100V, 44A, 28mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 44A, 0.028 Ohms @ VGS = 10V, TO-252/DPAK Package N-Channel UltraFET Trench MOSFET 100V, 44A, 28mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
BTA201W08 BTA201W-600E BTA201W-800E |
1 A Three-quadrant triacs high commutation Logic level three-quadrant triac BTA201W-600E<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,; Logic level three-quadrant triac BTA201W-800E<SOT223 (SOT223)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
IRF510S IRF510STRL IRF510STRR |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
|
IRF[International Rectifier]
|
BTA204W-800C |
High commutation three-quadrant triacs BTA204W-800C<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<week 35, 2003,;
|
NXP Semiconductors N.V.
|
IRHN7150 JANSF2N7268U JANSH2N7268U IRHN3150 IRHN41 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package CORD, COILED, 10MM STUD-4MM SKT, 4M; Length, lead:4m RoHS Compliant: NA RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1) 抗辐射功率MOSFET表面贴装系统(SMD - 1
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF9510S IRF9510STRL IRF9510STRR |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-4.0A) Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A) Power MOSFET(Vdss=-100V/ Rds(on)=1.2ohm/ Id=-4.0A)
|
IRF[International Rectifier]
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|